| データシートサーチシステム |
|
AM79C960KC データシート(PDF) 118 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C960KC データシート(HTML) 118 Page - Advanced Micro Devices |
|
118 / 127 page ![]() P R E L I M I N A R Y AMD 1-460 Am79C960 SWITCHING WAVEFORMS: AUI 16907B-51 tXI tDOTR tDOTF tX1H tX1L tX1F tX1R 1 1 0 1 XTAL1 ISTDCLK (Note 1) ITXDAT+ (Note 1) DO+ DO– DO ± 0 1 1 ITXEN (Note 1) Note: 1. Internal signal and is shown for clarification only. Transmit Timing—Start of Packet 16907B-52 Typical > 200 ns tDOETD XTAL1 ISTDCLK (Note 1) ITXEN (Note 1) ITXDAT+ (Note 1) DO+ DO– DO ± 0 1 0 0 10 Bit (n–2) Bit (n–1) Bit (n) 1 Note: 1. Internal signal and is shown for clarification only. Transmit Timing—End of Packet (Last Bit = 0) |