| データシートサーチシステム |
|
AM79C960KC データシート(PDF) 127 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C960KC データシート(HTML) 127 Page - Advanced Micro Devices |
|
127 / 127 page ![]() C-1 Am79C960 Alternative Method for Initialization APPENDIX C The PCnet-ISA controller may be initialized by perform- ing I/O writes only. That is, data can be written directly to the appropriate control and status registers (CSR) instead of reading from the Initialization Block in memory. The registers that must be written are shown in the table below. These are followed by writing the START bit in CSR0. Control and Status Register Comment CSR8 LADRF[15:0] CSR9 LADRF[31:16] CSR10 LADRF[47:32] CSR11 LADRF[63:48] CSR12 PADR[15:0] CSR13 PADR[31:16] CSR14 PADR[47:32] CSR15 Mode CSR24-25 BADR CSR30-31 BADX CSR47 POLLINT CSR76 RCVRL CSR78 XMTRL Note: The INIT bit must not be set or the initialization block will be accessed instead. |