データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79C970AVCW データシート(PDF) 46 Page - Advanced Micro Devices

部品番号 AM79C970AVCW
部品情報  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW データシート(HTML) 46 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 42Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 43Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 44Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 45Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 46Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 47Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 48Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 49Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 219 page
background image
AMD
P R E L I M I N A R Y
46
Am79C970A
The following figure shows two non-burst write transac-
tions. The first transaction has two wait states. The tar-
get inserts one wait state by asserting
DEVSEL one
clock late and another wait state by also asserting
TRDY
one clock late. The second transaction shows a zero
wait state write cycle. The target asserts
DEVSEL and
TRDY in the same cycle as the PCnet-PCI II controller
asserts
IRDY.
19436A-18
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
REQ
GNT
PAR
DEVSEL is sampled
ADDR
0111
PAR
1
2345678
10
9
DATA
ADDR
DATA
PAR
PAR
PAR
BE
0111
BE
Figure 15. Non-Burst Write Transfer
Basic Burst Write Transfer
The PCnet-PCI II controller supports burst mode for all
bus master write operations. The burst mode must be
enabled by setting BWRITE (BCR18, bit 5). To allow
burst transfers in descriptor write operations, the
PCnet-PCI II controller must also be programmed to use
SWSTYLE THREE (BCR20, bits 7–0). All PCnet-PCI II
controller burst write transfers are of the PCI command
type Memory Write (type 7). AD[1:0] will both be ZERO
during the address phase indicating a linear burst order.
The byte enable signals indicate the byte lanes that
have valid data.
The PCnet-PCI II controller will always perform a single
burst write transaction per bus mastership period,
where transaction is defined as one address phase and
one or multiple data phases. The PCnet-PCI II controller
supports zero wait state write cycles except with the
case of descriptor write transfers. (See the section
“Descriptor DMA Transfers” for the only exception.) It
asserts
IRDY immediately after the address phase and
at the same time starts sampling
DEVSEL. FRAME is
deasserted when the next to the last data phase
is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More