データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79C971VCW データシート(PDF) 22 Page - Advanced Micro Devices

部品番号 AM79C971VCW
部品情報  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW データシート(HTML) 22 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 18Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 19Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 20Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 21Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 22Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 23Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 24Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 25Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 265 page
background image
22
Am79C971
not used,
±10% accuracy is sufficient for the clock
source.
Note: When the Am79C971 controller is in coma
mode, there is an internal 22 k
Ω resistor from XTAL1 to
ground. If an external source drives XTAL1, some
power consumption will be consumed driving this resis-
tor. If XTAL1 is driven LOW at this time, power con-
sumption will be minimized. In this case, XTAL1 must
remain active for at least 30 cycles after the assertion
of SLEEP and deassertion of REQ.
XTAL2
Crystal Oscillator Out
Output
The internal clock generator uses a 20-MHz crystal that
is attached to the pins XTAL1 and XTAL2. The network
data rate is one-half of the crystal frequency. If an ex-
ternal clock source is used on XTAL1, then XTAL2
should be left unconnected.
EEPROM Interface
EECS
EEPROM Chip Select
Output
This pin is designed to directly interface to a serial EE-
PROM that uses the 93C46 EEPROM interface proto-
col. EECS is connected to the EEPROM’s chip select
pin. It is controlled by either the Am79C971 controller
during command portions of a read of the entire EE-
PROM, or indirectly by the host system by writing to
BCR19, bit 2.
When RST is active, EECS is an input for NAND tree
testing.
EEDI
EEPROM Data In
Output
This pin is designed to directly interface to a serial
EEPROM that uses the 93C46 EEPROM interface pro-
tocol. EEDI is connected to the EEPROM’s data input
pin. It is controlled by either the Am79C971 controller
during command portions of a read of the entire
EEPROM, or indirectly by the host system by writing to
BCR19, bit 0.
Note: The EEDI pin is multiplexed with the LED0 pin.
When RST is active, EEDI is an input for NAND tree
testing.
EEDO
EEPROM Data Out
Input
This pin is designed to directly interface to a serial
EEPROM that uses the 93C46 EEPROM interface pro-
tocol. EEDO is connected to the EEPROM’s data out-
put pin. It is controlled by either the Am79C971
controller during command portions of a read of the en-
tire EEPROM, or indirectly by the host system by read-
ing from BCR19, bit 0.
Note: The EEDO pin is multiplexed with the LED3,
MIIRXFRTGD, and SRD pins.
When RST is active, EEDO is an input for NAND tree
testing.
EESK
EEPROM Serial clock
Input/Output
This pin is designed to directly interface to a serial
EEPROM that uses the 93C46 EEPROM interface pro-
tocol. EESK is connected to the EEPROM’s clock pin.
It is controlled by either the Am79C971 controller di-
rectly during a read of the entire EEPROM, or indirectly
by the host system by writing to BCR19, bit 1.
Note: The EESK pin is multiplexed with the LED1 and
SFBD pins.
The EESK pin is also used during EEPROM Auto-
Detection to determine whether or not an EEPROM is
present at the Am79C971 controller interface. At the
rising edge of the last CLK edge while RST is asserted,
EESK is sampled to determine the value of the EEDET
bit in BCR19. A sampled HIGH value means that an
EEPROM is present, and EEDET will be set to 1. A
sampled LOW value means that an EEPROM is not
present, and EEDET will be set to 0. See the EEPROM
Auto-Detection section for more details.
If no LED circuit is to be attached to this pin, then a pull
up or pull down resistor must be attached instead to re-
solve the EEDET setting.
When RST is active, EESK is an input for NAND tree
testing.
WARNING: The input signal level of EESK must be
valid for correct EEPROM detection before the
deassertion of RST.
Expansion Bus Interface
EBUA_EBA[7:0]
Expansion Bus Upper Address/
Expansion Bus Address [7:0]
Output
The EBUA_EBA[7:0] pins provide the least and most
significant bytes of address on the Expansion Bus. The
most significant address byte (address bits [15:8] dur-
ing SRAM accesses; address bits [19:16] during boot
device accesses) is valid on these pins at the beginning
of an SRAM or boot device access, at the rising edge
of AS_EBOE. This upper address byte must be stored
externally in a D flip-flop. During subsequent cycles of
an SRAM or boot device access, address bits [7:0] are
present on these pins.
All EBUA_EBA[7:0] outputs are forced to a constant
level to conserve power while no access on the Expan-
sion Bus is being performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More