データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79C971VCW データシート(PDF) 221 Page - Advanced Micro Devices

部品番号 AM79C971VCW
部品情報  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW データシート(HTML) 221 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 217Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 218Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 219Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 220Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 221Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 222Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 223Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 224Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 225Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 265 page
background image
Am79C971
221
SWITCHING WAVEFORMS: ATTACHMENT UNIT INTERFACE
Figure 78.
Transmit Timing - Start of Frame
Figure 79.
Transmit Timing - End of Frame (Last Bit = 0)
XTAL1
ISTDCLK
(Note 1)
ITXEN
(Note 1)
ITXDAT+
(Note 1)
DO+
DO
±
DO–
tx1
11
1
1
1
00
tx1H tx1HL
tDOTF
tDOTR
tx1HF
tx1HR
Note 1:
Internal signal and is shown for clarification only.
20550D-81
XTAL1
ISTDCLK
(Note 1)
ITXEN
(Note 1)
ITXDAT+
(Note 1)
DO+
DO
±
DO–
11
10
0
00
tDOETD
Typical > 200 ns
Bit (n–2)
Bit (n–1)
Bit (n)
Note 1:
Internal signal and is shown for clarification only.
20550D-82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More