データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79C982-4JC データシート(PDF) 2 Page - Advanced Micro Devices

部品番号 AM79C982-4JC
部品情報  basic Integrated Multiport Repeater (bIMR)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C982-4JC データシート(HTML) 2 Page - Advanced Micro Devices

  AM79C982-4JC Datasheet HTML 1Page - Advanced Micro Devices AM79C982-4JC Datasheet HTML 2Page - Advanced Micro Devices AM79C982-4JC Datasheet HTML 3Page - Advanced Micro Devices AM79C982-4JC Datasheet HTML 4Page - Advanced Micro Devices AM79C982-4JC Datasheet HTML 5Page - Advanced Micro Devices AM79C982-4JC Datasheet HTML 6Page - Advanced Micro Devices AM79C982-4JC Datasheet HTML 7Page - Advanced Micro Devices AM79C982-4JC Datasheet HTML 8Page - Advanced Micro Devices AM79C982-4JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
AMD
PRELIMINARY
1–4
Am79C982
BLOCK DIAGRAM
RX
MUX
Phase =
Locked
Loop
FIFO
FIFO
Control
Preamble
Jam Sequence
Manchester
Encoder
bIMR Chip
Control
Partitioning
Link Test
Timers
Manchester
Decoder
AUI
Port
DI
±
CI
±
DO
±
TP
Port
0
RXD
±
TXD
±
TXP
±
TP
Port n
(Note)
RXD
±
TXD
±
TXP
±
Reset
Clock
Gen
X1
X2
Expansion Port
REQ
ACK
COL
DAT
JAM
Test
and
Management
Port
SI
SO
RST
SCLK
TEST
CRS
STR
TX
MUX
19406B-1
Note: n=3 for Am79C982-4 and n=7 for Am79C982-8.
RELATED AMD PRODUCTS
Part No.
Description
Am79C98
Twisted Pair Ethernet Transceiver (TPEX)
Am79C100
Twisted Pair Ethernet Transceiver Plus (TPEX+)
Am7996
IEEE 802.3/Ethernet/Cheapernet Transceiver
Am79C981
Integrated Multiport Repeater Plus (IMR+)
Am79C987
Hardware Implemented Management Information Base
™ (HIMIB™)
Am79C940
Media Access Controller for Ethernet (MACE
™)
Am79C90
CMOS Local Area Network Controller for Ethernet (C-LANCE)
Am79C900
Integrated Local Area Communications Controller
™ (ILACC™)
Am79C960
PCnet-ISA Single-Chip Ethernet Controller (for ISA bus)
Am79C961
PCnet-ISA
+ Single-Chip Ethernet Controller for ISA (with Microsoft® Plug n’ Play® Support)
Am79C965
PCnet-32 Single-Chip 32-Bit Ethernet Controller
Am79C970
PCnet-PCI Single-Chip Ethernet Controller (for PCI bus)
Am79C974
PCnet-SCSI Combination Ethernet and SCSI Controller for PCI Systems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26