データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79C985 データシート(PDF) 24 Page - Advanced Micro Devices

部品番号 AM79C985
部品情報  enhanced Integrated Multiport Repeater Plus (eIMR??
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C985 データシート(HTML) 24 Page - Advanced Micro Devices

Back Button AM79C985 Datasheet HTML 20Page - Advanced Micro Devices AM79C985 Datasheet HTML 21Page - Advanced Micro Devices AM79C985 Datasheet HTML 22Page - Advanced Micro Devices AM79C985 Datasheet HTML 23Page - Advanced Micro Devices AM79C985 Datasheet HTML 24Page - Advanced Micro Devices AM79C985 Datasheet HTML 25Page - Advanced Micro Devices AM79C985 Datasheet HTML 26Page - Advanced Micro Devices AM79C985 Datasheet HTML 27Page - Advanced Micro Devices AM79C985 Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
24
Am79C985
PRELIMINARY
Figure 8. Port Activity Signals with Am79C987 HIMIB Device
Management Commands
The following section details the operation of each
management commands available in the eIMR+ de-
vice. In all cases, the individual bits in each command
are shown with the most-significant bit (bit 7) on the left
and the least-significant bit (bit 0) on the right. Table 5
and Table 6 show a summary of default states and a
summary of management commands, respectively.
Note: Data is transmitted and received on the serial
data lines least-significant bit first and most-significant
bit last.
CRS
One eIMR+ Device
CP
T0 T1 T2 T3 T4 T5 T6 T7
CP
T4 T5 T6 T7
C
A
T0 T1 T2 T3
TCLK
CRS
Secondary
CRS
Primary*
AP
AP
CLK
*
Shows actual output stream to secondary device.
20651B-13
Table 5. Summary of Default States after Reset
eIMR+ Programmable Option—
CSA
Off
AUI Partitioning Algorithm
Normal
TP Partitioning Algorithm
Normal
AUI/TP Port
Enabled
Link Test
Enabled
Link Pulse
Enabled
Automatic Receiver Polarity
Reversal
State of SI at reset
Extended Distance Mode
Disabled
Blink Rate
Off
Software Override of LEDs
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48