データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79C984 データシート(PDF) 2 Page - Advanced Micro Devices

部品番号 AM79C984
部品情報  enhanced Integrated Multiport Repeater (eIMR??
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C984 データシート(HTML) 2 Page - Advanced Micro Devices

  AM79C984 Datasheet HTML 1Page - Advanced Micro Devices AM79C984 Datasheet HTML 2Page - Advanced Micro Devices AM79C984 Datasheet HTML 3Page - Advanced Micro Devices AM79C984 Datasheet HTML 4Page - Advanced Micro Devices AM79C984 Datasheet HTML 5Page - Advanced Micro Devices AM79C984 Datasheet HTML 6Page - Advanced Micro Devices AM79C984 Datasheet HTML 7Page - Advanced Micro Devices AM79C984 Datasheet HTML 8Page - Advanced Micro Devices AM79C984 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
P R E L I M I N A R Y
2
Am79C984A
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to
be supported in volume for this device. Consult
the local AMD sales office to confirm availability
of specific valid combinations and to check on
newly released combinations.
DEVICE NUMBER/DESCRIPTION
Am79C984A
enhanced Integrated Multiport Repeater (eIMR)
TEMPERATURE RANGE
C = Commercial (0˚C to +70˚C)
ALTERNATE PACKAGING OPTION
\W = Trimmed and formed in a tray
PACKAGE TYPE
J = 84-Pin Plastic Leaded Chip Carrier (PL 084)
K = 100-Pin Plastic Quad Flat Pack (PQR100)
Am79C984A
C
J
SPEED OPTION
Not Applicable
Valid Combinations
Am79C984A
JC, KC\W
\W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44