| データシートサーチシステム |
|
AM79C989JC データシート(PDF) 29 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C989JC データシート(HTML) 29 Page - Advanced Micro Devices |
|
29 / 37 page ![]() Am79C989 29 PRELIMINARY ABSOLUTE MAXIMUM RATINGS Storage Temperature . . . . . . . . . . . . .-65 °C to +150°C Ambient Temperature . . . . . . . . . . . . . . . 0 °C to +70°C Supply Voltage . . . . . . . . . . . . . . . . . . -0.3 V to +6.0 V DC Voltage applied to any Pin can be . . VSS -0.5 V to VDD +0.5 V Stresses above those listed under ABSOLUTE MAXI- MUM RATINGS may cause permanent device failure. Functionality at or above these limits is not implied or recommended. Exposure to Absolute Maximum Ratings for extended periods may affect device reliabil- ity. Programming conditions may differ. OPERATING RANGES Commercial (C) Devices Temperature (TA) . . . . . . . . . . . . . . . . . .0 °C to +70°C Supply Voltages (VDDIO, VDD, VDDTX) . . . . . +5 V ±5% Supply Voltages (VDDIO) . . . . . . . . . . . . . . +3.3 V ±5% Operating ranges define those limits between which the functionality of the device is guaranteed. DC CHARACTERISTICS over operating ranges unless otherwise specified Parameter Symbol Parameter Description Test Conditions Min Max Unit Digital Interface Input Voltage VIL Input LOW Voltage - 0.8 V VIH Input HIGH Voltage 2.0 VDDIO + 0.5 V Digital Interface Output Voltage VOL Output LOW Voltage IOL = 4.0 mA 0.4 V VOH Output HIGH Voltage VDDIO = 5.0 Volts IOH = -0.4 mA 2.4 - V VOH1 Output HIGH Voltage (QRX_VALID, QRX_DATA, QRX_CRS, QCLSN, MDIO) VDDIO = 3.3 Volts IOH = -0.4 mA 2.4 - V Digital Input Leakage IIH Input Leakage Current High 0<VIN < VDDIO -10 µA IIL Input Leakage Current Low 0<VIN < VDDIO - -10 µA Attachment Unit Interface (AUI) IIAZD Input Current at DI+ and DI- VSSAUI <VIN <VDD -500 +500 µA IIAXC Input Current at CI+ and CI- VSSAUI <VIN <VDD -500 +500 µA VAOD Differential Output Voltage |(DO+)-(DO-)| RL = 80.4 Ω 620 1100 mV VAODOFF Transmit Differential Output Idle Voltage RL = 80.4 Ω -40 +40 mV IAODOFF Transmit Differential Output Idle Current RL = 80.4 Ω (Note 1) -1 +1 mA VAOCM Transmit Output Common Mode Voltage RL = 80.4 Ω 2.5 VDD V VAODI DO ± Differential Output Voltage Imbalance RL = 80.4 Ω -25 +25 mV |