| データシートサーチシステム |
|
AM8530H データシート(PDF) 148 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM8530H データシート(HTML) 148 Page - Advanced Micro Devices |
|
148 / 194 page ![]() Register Description AMD 6–38 6.3.9 Read Register 12 RR12 returns the value stored in WR12, the lower byte of the time constant for the baud rate generator. Figure 6–25 shows the bit positions for RR12. D7 D6 D5 D4 D3 D2 D1 D0 TC3 TC4 TC5 TC6 TC0 TC1 TC2 TC7 Lower Byte of Time Constant Figure 6–25. Read Register 12 6.3.10 Read Register 13 RR13 returns the value stored in WR13, the upper byte of the time constant for the baud rate generator. Figure 6–26 shows the bit positions for RR13. D7 D6 D5 D4 D3 D2 D1 D0 TC11 TC12 TC13 TC14 TC8 TC9 TC10 TC15 Upper Byte of Time Constant Figure 6–26. Read Register 13 |