データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM8530H データシート(PDF) 149 Page - Advanced Micro Devices

部品番号 AM8530H
部品情報  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H データシート(HTML) 149 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 145Page - Advanced Micro Devices AM8530H Datasheet HTML 146Page - Advanced Micro Devices AM8530H Datasheet HTML 147Page - Advanced Micro Devices AM8530H Datasheet HTML 148Page - Advanced Micro Devices AM8530H Datasheet HTML 149Page - Advanced Micro Devices AM8530H Datasheet HTML 150Page - Advanced Micro Devices AM8530H Datasheet HTML 151Page - Advanced Micro Devices AM8530H Datasheet HTML 152Page - Advanced Micro Devices AM8530H Datasheet HTML 153Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 194 page
background image
Register Description
AMD
6–39
6.3.11
Read Register 15
RR15 reflects the value stored in WR15, the External/Status IE bits. The unused bit is
always returned as ‘0’ unless the corresponding bits in WR15 have been set to ‘1’. In the
NMOS SCC, bits D0 and D2 always read 0. Figure 6–27 shows the bit positions for RR15.
D7 D6 D5 D4 D3 D2 D1 D0
DCD IE
SYNC/HUNT IE
CTS IE
Tx Underrun/EOM IE
SDLC/HDLC Enhancement Status
Zero Count IE
10 x 19-Bit Frame Status FIFO Enable Status
Break/Abort IE
Figure 6–27. Read Register 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More