| データシートサーチシステム |
|
AM79C989JCT データシート(PDF) 5 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C989JCT データシート(HTML) 5 Page - Advanced Micro Devices |
|
5 / 37 page ![]() Am79C989 5 PRELIMINARY RELATED PRODUCTS Part No. Description Am7990 Local Area Network Controller for Ethernet (LANCE) Am7992B Serial Interface Adapter (SIA) Am7996 IEEE 802.3/Ethernet/Cheapernet Transceiver Am79C90 CMOS Local Area Network Controller for Ethernet (C-LANCE) Am79C98 Twisted Pair Ethernet Transceiver (TPEX) Am79C100 Twisted Pair Ethernet Transceiver Plus (TPEX+) Am79C870 Quad Fast Ethernet Transceiver (QFEX™) for 100BASE-X Am79C871 Quad Fast Ethernet Transceiver for 100BASE-X Repeater (QFEXr™) Am79C981 Integrated Multiport Repeater Plus (IMR+™) Am79C982 basic Integrated Multiport Repeater (bIMR™) Am79C983 Integrated Multiport Repeater 2 (IMR2™) Am79C984A enhanced Integrated Multiport Repeater (eIMR™) Am79C985 enhanced Integrated Multiport Repeater Plus (eIMR+™) Am79C987 Hardware Implemented Management Information Base (HIMIB™) Am79C988 Quad Integrated Ethernet Transceiver (QuIET™) Am79C900 Integrated Local Area Communications Controller (ILACC™) Am79C940 Media Access Controller for Ethernet (MACE™) Am79C960 PCnet™-ISA Single-Chip Ethernet Controller (for ISA bus) Am79C961 PCnet™-ISA+ Single-Chip Ethernet Controller for ISA (with Microsoft® Plug n’ Play® Support) Am79C961A PCnet™-ISA II Full Duplex Single-Chip Ethernet Controller for ISA Am79C965 PCnet™-32 Single-Chip 32-Bit Ethernet Controller Am79C970 PCnet™-PCI Single-Chip Ethernet Controller (for PCI bus) Am79C970A PCnet™-PCI II Full Duplex Single-Chip Ethernet Controller (for PCI bus) Am79C971B PCnet™- FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus Am79C974 PCnet™-SCSI Combination Ethernet and SCSI Controller for PCI Systems |