データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM85C30 データシート(PDF) 29 Page - Advanced Micro Devices

部品番号 AM85C30
部品情報  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 データシート(HTML) 29 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 25Page - Advanced Micro Devices AM85C30 Datasheet HTML 26Page - Advanced Micro Devices AM85C30 Datasheet HTML 27Page - Advanced Micro Devices AM85C30 Datasheet HTML 28Page - Advanced Micro Devices AM85C30 Datasheet HTML 29Page - Advanced Micro Devices AM85C30 Datasheet HTML 30Page - Advanced Micro Devices AM85C30 Datasheet HTML 31Page - Advanced Micro Devices AM85C30 Datasheet HTML 32Page - Advanced Micro Devices AM85C30 Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 194 page
background image
System Interface
AMD
2–11
Table 2–5. SDLC/HDLC Enhancements Enabled
A/B
PNT2
PNT1
PNT0
WRITE
READ
0
0
0
0
WR0B
RR0B
0
0
0
1
WR1B
RR1B
0
0
1
0
WR2
RR2B
0
0
1
1
WR3B
RR3B
0
1
0
0
WR4B
RR4B(WR4B)
0
1
0
1
WR5B
RR5B(WR5B)
0
1
1
0
WR6B
(RR6B)
0
1
1
1
WR7B
(RR7B)
1
0
0
0
WR0A
RR0A
1
0
0
1
WR1A
RR1A
1
0
1
0
WR2
RR2A
1
0
1
1
WR3A
RR3A
1
1
0
0
WR4A
RR4A(WR4A)
1
1
0
1
WR5B
RR5A(WR5A)
1
1
1
0
WR6A
(RR2A)
1
1
1
1
WR7A
(RR3A)
With the Point High command:
0
0
0
0
WR8B
RR8B
0
0
0
1
WR9
RR9(WR3B)
0
0
1
0
WR10B
RR10B
0
0
1
1
WR11B
RR11B(WR10B)
0
1
0
0
WR12B
RR12B
0
1
0
1
WR13B
RR13B
0
1
1
0
WR14B
RR14B(WR7’B)
0
1
1
1
WR15B
RR15B
1
0
0
0
WR8A
RR8A
1
0
0
1
WR9
RR9A(WR3A)
1
0
1
0
WR10A
RR10A
1
0
1
1
WR11A
RR11A(WR10A)
1
1
0
0
WR12A
RR12A
1
1
0
1
WR13A
RR13A
1
1
1
0
WR14A
RR14A(WR7’A)
1
1
1
1
WR15A
RR15A
0
Ext.
Read
Enable
Rx
comp.
CRC
DTR/REQ
Fast
Mode
Force
Txd
High
Auto
RTS
Turnoff
Auto
EOM
Reset
Auto
Tx
Flag
D0
D1
D2
D3
D4
D5
D6
D7
WR7
′—SDLC/HDLC Enhancement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More