| データシートサーチシステム |
|
AMC002CFLKA データシート(PDF) 41 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMC002CFLKA データシート(HTML) 41 Page - Advanced Micro Devices |
|
41 / 42 page ![]() 5/4/98 AmC0XXCFLKA 41 PHYSICAL DIMENSIONS* Type 1 PC Card Trademarks Copyright © 1996 Advanced Micro Devices, Inc. All rights reserved. AMD and the AMD logo are registered trademarks of Advanced Micro Devices, Inc. Embedded Erase and Embedded Program are trademarks of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. 10.0 Min (mm) 10.0 Min (mm) 85.6 ± 0.2 mm 54.0 ± 0.1 mm 3.3 ± 0.1 mm 34 1 35 68 Front Side Back Side |