| データシートサーチシステム |
|
AMD-K6 データシート(PDF) 89 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMD-K6 データシート(HTML) 89 Page - Advanced Micro Devices |
|
89 / 346 page ![]() Chapter 3 Software Environment 71 20695H/0—March 1998 AMD-K6® Processor Data Sheet Preliminary Information FRSTOR DDh mm-100-xxx vector FSAVE DDh mm-110-xxx vector FSCALE D9h FDh short float FSIN D9h FEh short float FSINCOS D9h FBh vector FSQRT (single precision) D9h FAh short float FSQRT (double precision) D9h FAh short float FSQRT (extended precision) D9h FAh short float FST mem32real D9h mm-010-xxx short fstore FST mem64real DDh mm-010-xxx short fstore FST ST(i) DDh 11-010xxx short fstore FSTCW D9h mm-111-xxx vector FSTENV D9h mm-110-xxx vector FSTP mem32real D9h mm-011-xxx short fstore FSTP mem64real DDh mm-011-xxx short fstore FSTP mem80real D9h mm-111-xxx vector FSTP ST(i) DDh 11-011-xxx short float FSTSW AX DFh E0h vector FSTSW mem16 DDh mm-111-xxx vector FSUB ST(0), mem32real D8h mm-100-xxx short fload, float FSUB ST(0), mem64real DCh mm-100-xxx short fload, float FSUB ST(0), ST(i) D8h 11-100-xxx short float FSUB ST(i), ST(0) DCh 11-101-xxx short float FSUBP ST(0), ST(I) DEh 11-101-xxx short float FSUBR ST(0), mem32real D8h mm-101-xxx short fload, float FSUBR ST(0), mem64real DCh mm-101-xxx short fload, float FSUBR ST(0), ST(I) D8h 11-100-xxx short float FSUBR ST(i), ST(0) DCh 11-101-xxx short float FSUBRP ST(i), ST(0) DEh 11-100-xxx short float FTST D9h E4h short float FUCOM DDh 11-100-xxx short float Table 11. Floating-Point Instructions (continued) Instruction Mnemonic First Byte Second Byte ModR/M Byte Decode Type RISC86® Opcodes Note Note: * The last three bits of the modR/M byte select the stack entry ST(i). |