データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMC008DFLKA データシート(PDF) 45 Page - Advanced Micro Devices

部品番号 AMC008DFLKA
部品情報  4, 8, 20, or 32 Megabyte 5.0 Volt-only Flash Memory PC Card
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC008DFLKA データシート(HTML) 45 Page - Advanced Micro Devices

Back Button AMC008DFLKA Datasheet HTML 38Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 39Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 40Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 41Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 42Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 43Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 44Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 45Page - Advanced Micro Devices AMC008DFLKA Datasheet HTML 46Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
AmC0XXDFLKA
45
PHYSICAL DIMENSIONS
Type 1 PC Card
Trademarks
Copyright © 1996 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.
10.0 Min (mm)
10.0 Min (mm)
85.6
± 0.2 mm
54.0
± 0.1 mm
3.3
± 0.1 mm
34
1
35
68
Front Side
Back Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46