| データシートサーチシステム |
|
AMMC004AWP データシート(PDF) 25 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMMC004AWP データシート(HTML) 25 Page - Advanced Micro Devices |
|
25 / 39 page ![]() AmMC0XXA 25 PREL I M I N AR Y DC CHARACTERISTICS Notes: 1. VCC = 5.0 volts ± 10% 2. Supply current is a max RMS value. Read frequency = 5 MHz. CONNECTOR DC SPECIFICATIONS Notes: 1. This current is a minimum that the connector should withstand, and a maximum that the host should provide. 2. On the host, these specifications must be met for one conducting channel on connectors. CARD AND PAD CAPACITANCE Notes: 1. Sampled, not 100% tested. 2. Test conditions TA = 25°C, f = 1.0 MHz. Parameter Symbol Parameter Description Test Conditions Min Max Unit ILI Input Leakage Current VIN = VSS to VCC, VCC = VCC max ±5 µA ILO Output Leakage Current VIN = VSS to VCC, VCC = VCC max ±5 µA ICCS VCC Standby Current CEL#, CEH#, RESET# = VIH 4mA ICC VCC Supply Current (Note 2) RESET# = VIH; CEL# and CEH# = VIL Read 80 mA Program 120 mA ICC VCC Standby Current CE# = VCC ± 0.3 V 60 µA VIL Input Low Voltage VCC = 5.0 V –0.5 0.8 V VIH Input High Voltage 0.7 VCC VCC + 0.5 V VOL Output Low Voltage IOUT = 12 mA 0.1 VCC V VOH Output High Voltage IOUT = –2.5 mA 0.9 VCC V VLKO Low VCC Lock-Out Voltage 3.2 4.2 V Parameter Min Max Units Interface Signal Resistance (Note 2) 2.0 Ω Interface Signal Current (Notes 1, 2) 125 mA Power/Insertion Signal Resistance 0.060 Ω Power/Insertion Signal Current (Note 1) 500 mA Parameter Symbol Parameter Description Test Conditions Max Unit CCARD Card Input Capacitance 40 pF CHOST System Load Capacitance 120 pF CI/O I/O Capacitance D0–D15 40 pF |