データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AME385AEAS データシート(PDF) 5 Page - Analog Microelectronics

部品番号 AME385AEAS
部品情報  Micropower Voltage Reference Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AME [Analog Microelectronics]
ホームページ  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME385AEAS データシート(HTML) 5 Page - Analog Microelectronics

  AME385AEAS Datasheet HTML 1Page - Analog Microelectronics AME385AEAS Datasheet HTML 2Page - Analog Microelectronics AME385AEAS Datasheet HTML 3Page - Analog Microelectronics AME385AEAS Datasheet HTML 4Page - Analog Microelectronics AME385AEAS Datasheet HTML 5Page - Analog Microelectronics AME385AEAS Datasheet HTML 6Page - Analog Microelectronics AME385AEAS Datasheet HTML 7Page - Analog Microelectronics AME385AEAS Datasheet HTML 8Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Analog Microelectronics, Inc.
5
AME385-1.2
Micropower Voltage Reference Diode
VR
VIN
5V/DIV
0.5V/DIV
25
o
C
(mA)
(mV)
0.0
1100
-1
0
1
2
Forward Characteristic
85oC
25oC
1
µA
100
µA
10mA
0.125V/DIV
0.0V
1.0V
Output Voltage Change vs. Current
Reverse Characteristic
25oC
85oC
0.0V
0.65V
1.3V
VR
100
µA
10
µA
1
µA
100nA
I R
Transient Response
200
µS/DIV
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
-50
0
50
100
150
Normalized Percentage Change vs.
Temperature
( O C)
I = 100
µA



Html Pages

1 2 3 4 5 6 7 8