| データシートサーチシステム |
|
7D301K データシート(PDF) 11 Page - World Produts Inc. |
|
|
|||||||||||||||||||||||||||||
7D301K データシート(HTML) 11 Page - World Produts Inc. |
|
11 / 65 page ![]() Metal Oxide VaristOrs WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com Rev. 9.9 Metal Oxide Varistors | 9 Standard Dimensions and Lead Modification Options (continued) E Max Dimensions (For Standard Epoxy) Dimensions are in mm (inches) 10D Series Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) 10D180K 3 .8 ( .15) 1 .4 ( .055) 10D301K 4 .4 ( .17) 2 .5 ( .1) 10D220K 4 .0 ( .16) 1 .5 ( .06) 10D331K 4 .6 ( .18) 2 .5 ( .1) 10D270K 4 .2 ( .165) 1 .6 ( .063) 10D361K 4 .9 ( .19) 2 .7 ( .1) 10D330K 4 .3 ( .17) 1 .8 ( .07) 10D391K 5 .0 ( .2) 2 .9 ( .11) 10D390K 4 .4 ( .17) 1 .6 ( .063) 10D431K 5 .2 ( .2) 3 .1 ( .12) 10D470K 4 .4 ( .17) 1 .7 ( .067) 10D471K 5 .4 ( .21) 3 .6 ( .14) 10D560K 4 .4 ( .17) 1 .8 ( .07) 10D511K 5 .5 ( .22) *3 .4 ( .13) 10D680K 4 .6 ( .18) 2 .1 ( .083) 10D561K 5 .8 ( .23) *3 .5 ( .138) 10D820K 3 .8 ( .15) 1 .4 ( .055) 10D621K 6 .1 ( .24) *4 .2 ( .165) 10D101K 3 .8 ( .15) 1 .4 ( .055) 10D681K 6 .4 ( .25) *4 .6 ( .18) 10D121K 4 .0 ( .16) 1 .5 ( .06) 10D751K 6 .7 ( .26) *5 .0 ( .197) 10D151K 4 .2 ( .165) 1 .5 ( .06) 10D781K 6 .9 ( .27) *5 .0 ( .197) 10D181K 4 .2 ( .165) 1 .6 ( .063) 10D821K 7 .1 ( .28) *5 .4 ( .2) 10D201K 4 .2 ( .165) 1 .8 ( .07) 10D911K 7 .5 ( .3) *5 .9 ( .23) 10D221K 4 .1 ( .16) 1 .8 ( .07) 10D102K 7 .6 ( .3) *6 .4 ( .25) 10D241K 4 .2 ( .165) 2 .0 ( .08) 10D112K 7 .8 ( .31) *7 .0 ( .275) 10D271K 4 .3 ( .17) 2 .2 ( .087) 14D Series Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) 14D180K 3 .9 ( .15) 1 .4 ( .055) 14D301K 4 .4 ( .17) 2 .6 ( .1) 14D220K 4 .1 ( .16) 1 .5 ( .06) 14D331K 4 .6 ( .18) 2 .6 ( .1) 14D270K 4 .3 ( .17) 1 .7 ( .067) 14D361K 4 .9 ( .19) 2 .8 ( .11) 14D330K 4 .5 ( .18) 1 .9 ( .075) 14D391K 5 .0 ( .2) 3 .0 ( .12) 14D390K 4 .5 ( .18) 1 .7 ( .067) 14D431K 5 .2 ( .2) 3 .2 ( .126) 14D470K 4 .3 ( .17) 1 .8 ( .07) 14D471K 5 .4 ( .21) 3 .8 ( .15) 14D560K 4 .5 ( .18) 2 .0 ( .08) 14D511K 5 .5 ( .22) *3 .4 ( .13) 14D680K 4 .7 ( .185) 2 .2 ( .087) 14D561K 5 .8 ( .23) *3 .5 ( .138) 14D820K 3 .8 ( .15) 1 .4 ( .055) 14D621K 6 .1 ( .24) *4 .2 ( .165) 14D101K 3 .8 ( .15) 1 .5 ( .06) 14D681K 6 .4 ( .25) *4 .7 ( .185) 14D121K 4 .0 ( .16) 1 .5 ( .06) 14D751K 6 .7 ( .26) *5 .1 ( .2) 14D151K 4 .2 ( .165) 1 .5 ( .06) 14D781K 6 .9 ( .27) *5 .1 ( .2) 14D181K 4 .4 ( .17) 1 .7 ( .067) 14D821K 7 .1 ( .28) *5 .5 ( .22) 14D201K 4 .6 ( .18) 1 .9 ( .075) 14D911K 7 .5 ( .3) *6 .0 ( .24) 14D221K 4 .1 ( .16) 1 .9 ( .075) 14D102K 7 .6 ( .3) *6 .5 ( .255) 14D241K 4 .2 ( .165) 2 .1 ( .083) 14D112K 8 .0 ( .31) *7 .2 ( .28) 14D271K 4 .3 ( .17) 2 .2 ( .087) * Bulk parts for 320VAC and larger come standard with inline crimp (as referenced at beginning of “Standard Dimensions and Lead Modification Options” section ) for straight disk seating on PC boards . Therefore, “a” dimension is not applicable . If 320VAC and larger size are required without in-line crimp, please reference “Part Number System” position # (8) and add “N” and reference “a” dimensions (for off-set) above . E max a |