| データシートサーチシステム |
|
7D511K データシート(PDF) 63 Page - World Produts Inc. |
|
|
|||||||||||||||||||||||||||||
7D511K データシート(HTML) 63 Page - World Produts Inc. |
|
63 / 65 page ![]() Metal Oxide VaristOrs WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com Rev. 9.9 Metal Oxide Varistors | 61 WPI Reserves Copyright Metal Oxide Varistors are transient voltage surge suppression products. Used in both AC and DC applications, these devices clamp transient voltages and divert transient currents. Metal oxide Varistors are available in the widest range of voltages and current handling sizes. MOV In Traffic Light Protection MOV in Bridge Rectifier Protection MOV in Automotive Equipment Protection 120VAC VZ20D201KBS 1.5KE220C MOV In AC Line Protection MOV In Control Circuit Protection MOV In Microwave Oven MOV for 3 Phase AC Line Protection MOV in Triac Protection Control Circuit Lamp REGULATOR Electronic Circuit All application notes/circuits are shown as examples only. It is the responsibility of the purchaser to insure that the application meets purchaser’s specifica- tions. No representation or warranty, whether express or implied, is given and no liability is assumed by WPI with respect to the use of such examples. Metal Oxide VaristOrs Applications |