| データシートサーチシステム |
|
W25Q80BWSVIP データシート(PDF) 73 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
W25Q80BWSVIP データシート(HTML) 73 Page - Winbond |
|
73 / 74 page ![]() W25Q80BW Publication Release Date: July 30, 2013 - 73 - Revision J 10.1 Valid Part Numbers and Top Side Marking The following table provides the valid part numbers for the W25Q80BW SpiFlash Memory. Please contact Winbond for specific availability by density and package type. Winbond SpiFlash memories use an 12- digit Product Number for ordering. However, due to limited space, the Top Side Marking on all packages use an abbreviated 10-digit number. PACKAGE TYPE DENSITY PRODUCT NUMBER TOP SIDE MARKING SN SOIC-8 150mil 8M-bit W25Q80BWSNIG W25Q80BWSNIP W25Q80BWSNIL 25Q80BWNIG 25Q80BWNIP 25Q80BWNIL SV (2) VSOP-8 150mil 8M-bit W25Q80BWSVIG W25Q80BWSVIP 25Q80BWVIG 25Q80BWVIP SS SOIC-8 208mil 8M-bit W25Q80BWSSIG W25Q80BWSSIP 25Q80BWSIG 25Q80BWSIP ST (2) VSOP-8 208mil 8M-bit W25Q80BWSTIG W25Q80BWSTIP 25Q80BWTIG 25Q80BWTIP ZP (1) WSON-8 6x5mm 8M-bit W25Q80BWZPIG W25Q80BWZPIP 25Q80BWIG 25Q80BWIP BY (3) WLBGA-8 8M-bit W25Q80BWBYIG W25Q80BWBYIC 3Axx Notes: 1. For WSON packages, the package type ZP is not used in the top side marking. 2. These package types are special order only, please contact Winbond for more information. 3. WLBGA package type BY has special top marking due to size limitation. 3 = 8Mb; A = W25Q series, 1.8V; xx = date code (year, work week). W25Q80BWBYIC has backside coating. |