| データシートサーチシステム |
|
2STL1525 データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2STL1525 データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 8 page ![]() Package mechanical data 2STL1525 4/8 Doc ID 16054 Rev 2 3 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Table 5. TO-92MOD mechanical data Dim. mm. Min. Typ. Max. A4.7 5.1 A1 1.730 2.030 b0.4 0.6 b1 0.9 1.1 c0.4 0.5 D5.8 6.2 D1 4.0 E8.4 8.8 e1.5 e1 2.9 3.1 L 13.8 14.2 K 1.6 h 0.0 0.380 |