データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F040-120JEB データシート(PDF) 32 Page - Advanced Micro Devices

部品番号 AM29F040-120JEB
部品情報  4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040-120JEB データシート(HTML) 32 Page - Advanced Micro Devices

Back Button AM29F040-120JEB Datasheet HTML 25Page - Advanced Micro Devices AM29F040-120JEB Datasheet HTML 26Page - Advanced Micro Devices AM29F040-120JEB Datasheet HTML 27Page - Advanced Micro Devices AM29F040-120JEB Datasheet HTML 28Page - Advanced Micro Devices AM29F040-120JEB Datasheet HTML 29Page - Advanced Micro Devices AM29F040-120JEB Datasheet HTML 30Page - Advanced Micro Devices AM29F040-120JEB Datasheet HTML 31Page - Advanced Micro Devices AM29F040-120JEB Datasheet HTML 32Page - Advanced Micro Devices AM29F040-120JEB Datasheet HTML 33Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
32
Am29F040
PHYSICAL DIMENSIONS (continued)
TSR032
32-Pin Reversed Thin Small Outline Package (measured in millimeters)
1
18.30
18.50
19.80
20.20
7.90
8.10
0.50 BSC
0.05
0.15
0.95
1.05
16-038-TSOP-2
TSR032
DA95
8-15-96 lv
Pin 1 I.D.
1.20
MAX
0.50
0.70
0.10
0.21
0
°
5
°
0.08
0.20
0.17
0.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33