データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD00161566 データシート(PDF) 25 Page - STMicroelectronics

部品番号 CD00161566
部品情報  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00161566 データシート(HTML) 25 Page - STMicroelectronics

Back Button CD00161566 Datasheet HTML 21Page - STMicroelectronics CD00161566 Datasheet HTML 22Page - STMicroelectronics CD00161566 Datasheet HTML 23Page - STMicroelectronics CD00161566 Datasheet HTML 24Page - STMicroelectronics CD00161566 Datasheet HTML 25Page - STMicroelectronics CD00161566 Datasheet HTML 26Page - STMicroelectronics CD00161566 Datasheet HTML 27Page - STMicroelectronics CD00161566 Datasheet HTML 28Page - STMicroelectronics CD00161566 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 105 page
background image
DocID13587 Rev 16
25/105
STM32F103x8, STM32F103xB
Pinouts and pin description
104
Figure 7. STM32F103xx performance line TFBGA64 ballout
AI15494
PB2
PC14-
OSC32_IN
PA7
PA4
PA2
PA15
PB11
PB1
PA6
PA3
H
PB10
PC5
PC4
D
PA8
PA9
BOOT0
PB8
C
PC9
PA11
PB6
PC12
VDDA
PB9
B
PA12
PC10
PC15-
OSC32_OUT
PB3
PD2
A
8
7
6
5
4
3
2
1
VSS_4
OSC_IN
OSC_OUT
VDD_4
G
F
E
PC2
VREF+
PC13-
TAMPER-RTC
PB4
PA13
PA14
PB7
PB5
VSS_3
PC7
PC8
PC0
NRST
PC1
PB0
PA5
PB14
VDD_2
VDD_3
PB13
VBAT
PC11
PA10
VSS_2
VSS_1
PC6
VSSA
PA1
VDD_1
PB15
PB12
PA0-WKUP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More