データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

THS8083APZP データシート(PDF) 7 Page - Texas Instruments

部品番号 THS8083APZP
部品情報  Triple 8-Bit, 80 MSPS 3.3-V Video and Graphics
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

THS8083APZP データシート(HTML) 7 Page - Texas Instruments

Back Button THS8083APZP Datasheet HTML 3Page - Texas Instruments THS8083APZP Datasheet HTML 4Page - Texas Instruments THS8083APZP Datasheet HTML 5Page - Texas Instruments THS8083APZP Datasheet HTML 6Page - Texas Instruments THS8083APZP Datasheet HTML 7Page - Texas Instruments THS8083APZP Datasheet HTML 8Page - Texas Instruments THS8083APZP Datasheet HTML 9Page - Texas Instruments THS8083APZP Datasheet HTML 10Page - Texas Instruments THS8083APZP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
2−2
•
Output Formatter
−
Single and double pixel width output data bus for reduced board clock frequency and EMI
−
Support for 4:4:4 and 4:2:2 (ITU−R BT.601 style) output modes to reduce board traces
−
Dedicated DATACLK output for easy latching of output data
•
System
−
Industry-standard normal/fast I2C interface with register readback capability
−
Support for input format detection via integrated monitoring of HS, VS, and pixel clock frequencies
−
Support for multidevice operation (master/slave operation for SXGA resolution)
−
Space-saving TQFP-100 pin package
−
Thermally-enhanced PowerPAD package for better heat dissipation
•
Applications
−
LCD desktop monitors and LCD or DMD-based projection systems
−
Videoconferencing
−
PCTV set-top boxes, digital TV sets, and multimedia cards
−
Scan rate/image resolution converters
−
Video/graphics digitizing equipment (RGB or YUV-based)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63