| データシートサーチシステム |
|
RL3264-6-R002-FN データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RL3264-6-R002-FN データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 6 page ![]() RL series, PRL series low resistance value chip resistors with long-side electrodes for high-precision current detection. RL 3720W T - R10 - F - (T1) Resistance Value:RLseries:3 digits, PRL series :4 digits Temperature Coefficient of Resistacce:To be added as for RLseries Taping Quantity Unit:PRL:T1(1000pcs) T5(5000pcs) Resistance Tolerance SPECIFICATIONS Mechanical Electrical PART NUMBER susumu group catalog Excellent performance in resistance tolerance, noise, long term stability and heat dissipation. Our unique structure enables further miniaturization. This low resistance value chip resistor is useful in many current sensing applications. We offer 1/2,1,2 watt power handling thin film resistors. Very low resistance and low ELS, supplying ripple free signals. Dimension (Inch Size) RL3720 (1508) RL3720W (1508) RL7520W (3008) L W A B T 3.75 0.30 2.00 0.20 0.40 0.20 0.40 0.20 0.40 0.10 3.75 0.30 2.00 0.20 0.40 0.20 0.40 0.20 0.45 0.15/ 0.10 7.50 0.30 2.00 0.20 0.40 0.20 0.40 0.20 0.45 0.15/ 0.10 Dimension (Inch Size) PRL0816 (0603) L W B T 1.6 0.2 0.8 0.2 0.2 0.1 0.4 0.1 PRL1220 (0805) 2.0 0.2 1.25 0.2 0.35 0.15 0.5 0.1 PRL1632 (1206) 3.2 0.2 1.6 0.2 0.45 0.15 0.5 0.1 PRL3264 (2512) 6.4 0.2 3.2 0.2 0.9 0.15 0.5 0.1 NEW NEW PRL1632 are realized as 1W for 3.2 ×1.6mm(1206) • PRL series with resistance value more than 100m ohm are also available. RoHS compliant ( unit : mm) ( unit : mm) Type Power 1%(F) PRL0816 1/3W PRL1220 2/3W PRL1632 1W PRL3264 2W 15m ≧ : 0 350ppm/ C 18m 27m : 0 200ppm/ C 33m 68m : 100ppm/ C 75m 100m : 50ppm/ C 7m 9m : 0 350ppm/ C 10m 18m : 0 200ppm/ C 20m 51m : 100ppm/ C 56m 100m : 50ppm/ C 9m ≧ : 0 350ppm/ C 10m 18m : 0 200ppm/ C 20m 51m : 100ppm/ C 56m 100m : 50ppm/ C E 24 1,000pcs/reel(T1) 5,000pcs/reel(T5) 10m 39m,25m 0.5%(D) 1%(F) 43m 100m,50m 2%(G) 7m 9m 1%(F) 2%(G) 10m 43m 0.5%(D) 1%(F) 2%(G) 47m 100m 1%(F) 2%(G) 5m 9m 0.5%(D) 1%(F) 2%(G) 10m 100m,25m 5%(J) 3m 4m 2%(G) 5m 9m 1%(F) 2%(G) 10m 43m ,25m 0.5%(D) 1%(F) 2%(G) 47m 100m,50m Tolerance %(code) Resistance Range ( ) TCR ppm / C(code) Resistance Value Package Part Code Dimensions NEW 1%(F) 2%(G) 1%(F) 2%(G) RL7520W 2W 0.001 0.004 0.010 0.091 0.1 0.47 0.005 0.009 E 24 RL3720 1/2W 0 200(S) 0 350(T) 0 100(R) 0.022 0.068 0.1 2.2 E 6 1%(F) 2%(G) RL3720W 1W 0 200(S) 0 350(T) 0 50(Q) 0 100(R) 0 200(S) 0.010 0.091 0.005 0.009 0 350(T) 0.1 1.0 E 24 4000pcs/reel 0 350(T) 0.01 0.018 0.001 0.004 0 100(R) 0 350(T) 0 50(Q) 0 100(R) 0 200(S) 0 200(S) 0 800(T) 0 200(S) 0 420(T) Type Power Tolerance %(code) Resistance Range ( ) TCR ppm / C(code) Resistance Value Package RL, PRL W L A T B |