| データシートサーチシステム |
|
ST6201C データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6201C データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 100 page ![]() ST6200C ST6201C ST6203C Doc ID 4563 Rev 5 23/100 5.3 RESET 5.3.1 Introduction The MCU can be reset in three ways: ■ A low pulse input on the RESET pin ■ Internal Watchdog reset ■ Internal Low Voltage Detector (LVD) reset 5.3.2 RESET Sequence The basic RESET sequence consists of 3 main phases: ■ Internal (watchdog or LVD) or external Reset event ■ A delay of 2048 clock (fINT) cycles ■ RESET vector fetch The reset delay allows the oscillator to stabilise and ensures that recovery has taken place from the Reset state. The RESET vector fetch phase duration is 2 clock cycles. When a reset occurs: – The stack is cleared – The PC is loaded with the address of the Reset vector. It is located in program ROM starting at address 0FFEh. A jump to the beginning of the user program must be coded at this address. – The interrupt flag is automatically set, so that the CPU is in Non Maskable Interrupt mode. This prevents the initialization routine from being in- terrupted. The initialization routine should there- fore be terminated by a RETI instruction, in order to go back to normal mode. Figure 13. RESET Sequence VDD RESET PIN WATCHDOG VIT+ VIT- WATCHDOG UNDERFLOW RESET 2048 CLOCK CYCLE (fINT) DELAY LVD RESET INTERNAL RUN RESET RUN RUN RUN RESET RESET RESET 1 |