データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST62T00C6 データシート(PDF) 23 Page - STMicroelectronics

部品番号 ST62T00C6
部品情報  8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T00C6 データシート(HTML) 23 Page - STMicroelectronics

Back Button ST62T00C6 Datasheet HTML 19Page - STMicroelectronics ST62T00C6 Datasheet HTML 20Page - STMicroelectronics ST62T00C6 Datasheet HTML 21Page - STMicroelectronics ST62T00C6 Datasheet HTML 22Page - STMicroelectronics ST62T00C6 Datasheet HTML 23Page - STMicroelectronics ST62T00C6 Datasheet HTML 24Page - STMicroelectronics ST62T00C6 Datasheet HTML 25Page - STMicroelectronics ST62T00C6 Datasheet HTML 26Page - STMicroelectronics ST62T00C6 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
ST6200C ST6201C ST6203C
Doc ID 4563 Rev 5
23/100
5.3 RESET
5.3.1 Introduction
The MCU can be reset in three ways:
■ A low pulse input on the RESET pin
■ Internal Watchdog reset
■ Internal Low Voltage Detector (LVD) reset
5.3.2 RESET Sequence
The basic RESET sequence consists of 3 main
phases:
■ Internal (watchdog or LVD) or external Reset
event
■ A delay of 2048 clock (fINT) cycles
■ RESET vector fetch
The reset delay allows the oscillator to stabilise
and ensures that recovery has taken place from
the Reset state.
The RESET vector fetch phase duration is 2 clock
cycles.
When a reset occurs:
– The stack is cleared
– The PC is loaded with the address of the Reset
vector. It is located in program ROM starting at
address 0FFEh.
A jump to the beginning of the user program must
be coded at this address.
– The interrupt flag is automatically set, so that the
CPU is in Non Maskable Interrupt mode. This
prevents the initialization routine from being in-
terrupted. The initialization routine should there-
fore be terminated by a RETI instruction, in order
to go back to normal mode.
Figure 13. RESET Sequence
VDD
RESET PIN
WATCHDOG
VIT+
VIT-
WATCHDOG UNDERFLOW
RESET
2048 CLOCK CYCLE (fINT) DELAY
LVD
RESET
INTERNAL
RUN
RESET
RUN
RUN
RUN
RESET
RESET
RESET
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100