データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM138K データシート(PDF) 15 Page - STMicroelectronics

部品番号 LM138K
部品情報  Three-terminal 5 A adjustable voltage regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM138K データシート(HTML) 15 Page - STMicroelectronics

Back Button LM138K Datasheet HTML 11Page - STMicroelectronics LM138K Datasheet HTML 12Page - STMicroelectronics LM138K Datasheet HTML 13Page - STMicroelectronics LM138K Datasheet HTML 14Page - STMicroelectronics LM138K Datasheet HTML 15Page - STMicroelectronics LM138K Datasheet HTML 16Page - STMicroelectronics LM138K Datasheet HTML 17Page - STMicroelectronics LM138K Datasheet HTML 18Page - STMicroelectronics LM138K Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
LM138 - LM238 - LM338
Application hints
15/23
Figure 19.
Regulator with line resistance in output lead
Figure 20.
Regulator with protection diodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23