データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS1240A データシート(PDF) 5 Page - STMicroelectronics

部品番号 LS1240A
部品情報  Electronic two-tone ringer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS1240A データシート(HTML) 5 Page - STMicroelectronics

  LS1240A Datasheet HTML 1Page - STMicroelectronics LS1240A Datasheet HTML 2Page - STMicroelectronics LS1240A Datasheet HTML 3Page - STMicroelectronics LS1240A Datasheet HTML 4Page - STMicroelectronics LS1240A Datasheet HTML 5Page - STMicroelectronics LS1240A Datasheet HTML 6Page - STMicroelectronics LS1240A Datasheet HTML 7Page - STMicroelectronics LS1240A Datasheet HTML 8Page - STMicroelectronics LS1240A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
LS1240
Package mechanical data
5/9
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second Level Interconnect ismarked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9