データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM339D データシート(PDF) 11 Page - STMicroelectronics

部品番号 LM339D
部品情報  Low-power quad voltage comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM339D データシート(HTML) 11 Page - STMicroelectronics

Back Button LM339D Datasheet HTML 7Page - STMicroelectronics LM339D Datasheet HTML 8Page - STMicroelectronics LM339D Datasheet HTML 9Page - STMicroelectronics LM339D Datasheet HTML 10Page - STMicroelectronics LM339D Datasheet HTML 11Page - STMicroelectronics LM339D Datasheet HTML 12Page - STMicroelectronics LM339D Datasheet HTML 13Page - STMicroelectronics LM339D Datasheet HTML 14Page - STMicroelectronics LM339D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LM139, LM239, LM339
Package information
Doc ID 2159 Rev 2
11/16
6.1
DIP14 package information
Figure 21.
DIP14 package mechanical drawing
Table 4.
DIP14 package mechanical data
Dimensions
Ref.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A5.33
0.21
A1
0.38
0.015
A2
2.92
3.30
4.95
0.11
0.13
0.19
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.04
0.06
0.07
c
0.20
0.25
0.36
0.007
0.009
0.01
D
18.67
19.05
19.69
0.73
0.75
0.77
E
7.62
7.87
8.26
0.30
0.31
0.32
E1
6.10
6.35
7.11
0.24
0.25
0.28
e2.54
0.10
e1
15.24
0.60
eA
7.62
0.30
eB
10.92
0.43
L
2.92
3.30
3.81
0.11
0.13
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16