| データシートサーチシステム |
|
ST6203CM-Auto データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6203CM-Auto データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 96 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) ST6200CM-Auto/ ST6201CM-Auto/ST6203CM-Auto 11/96 MEMORY MAP (Cont’d) Table 2. Hardware Register Map Legend: x = undefined, R/W = Read/Write, Ro = Read-only Bit(s) in the register, Wo = Write-only Bit(s) in the register. Notes: 1. The contents of the I/O port DR registers are readable only in output configuration. In input configura- tion, the values of the I/O pins are returned instead of the DR register contents. 2. The bits associated with unavailable pins must always be kept at their reset value. 3. Do not use single-bit instructions (SET, RES...) on Port Data Registers if any pin of the port is configured in input mode (refer to Section 8 "I/O PORTS" on page 36 for more details). 4. Depending on device. See device summary on page 1. Address Block Register Label Register Name Reset Status Remarks 080h to 083h CPU X,Y,V,W X,Y index registers V,W short direct registers xxh R/W 0C0h 0C1h I/O Ports DRA 1) 2) 3) DRB 1) 2) 3) Port A Data Register Port B Data Register 00h 00h R/W R/W 0C2h 0C3h Reserved (2 Bytes) 0C4h 0C5h I/O Ports DDRA 2) DDRB 2) Port A Direction Register Port B Direction Register 00h 00h R/W R/W 0C6h 0C7h Reserved (2 Bytes) 0C8h CPU IOR Interrupt Option Register xxh Write-only 0C9h ROM DRWR Data ROM Window register xxh Write-only 0CAh 0CBh Reserved (2 Bytes) 0CCh 0CDh I/O Ports ORA 2) ORB 2) Port A Option Register Port B Option Register 00h 00h R/W R/W 0CEh 0CFh Reserved (2 bytes) 0D0h 0D1h ADC ADR ADCR A/D Converter Data Register A/D Converter Control Register xxh 40h Read-only Ro/Wo 0D2h 0D3h 0D4h Timer 1 PSCR TCR TSCR Timer 1 Prescaler Register Timer 1 Downcounter Register Timer 1 Status Control Register 7Fh 0FFh 00h R/W R/W R/W 0D5h to 0D7h Reserved (3 Bytes) 0D8h Watchdog Timer WDGR Watchdog Register 0FEh R/W 0D9h to 0FEh Reserved (38 Bytes) 0FFh CPU A Accumulator xxh R/W 1 |