データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST619LBDR データシート(PDF) 12 Page - STMicroelectronics

部品番号 ST619LBDR
部品情報  DC-DC converter regulated 5 V charge pump
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST619LBDR データシート(HTML) 12 Page - STMicroelectronics

Back Button ST619LBDR Datasheet HTML 8Page - STMicroelectronics ST619LBDR Datasheet HTML 9Page - STMicroelectronics ST619LBDR Datasheet HTML 10Page - STMicroelectronics ST619LBDR Datasheet HTML 11Page - STMicroelectronics ST619LBDR Datasheet HTML 12Page - STMicroelectronics ST619LBDR Datasheet HTML 13Page - STMicroelectronics ST619LBDR Datasheet HTML 14Page - STMicroelectronics ST619LBDR Datasheet HTML 15Page - STMicroelectronics ST619LBDR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Package mechanical data
ST619LB
12/16
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17