データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST8024LCTR データシート(PDF) 32 Page - STMicroelectronics

部品番号 ST8024LCTR
部品情報  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024LCTR データシート(HTML) 32 Page - STMicroelectronics

Back Button ST8024LCTR Datasheet HTML 27Page - STMicroelectronics ST8024LCTR Datasheet HTML 28Page - STMicroelectronics ST8024LCTR Datasheet HTML 29Page - STMicroelectronics ST8024LCTR Datasheet HTML 30Page - STMicroelectronics ST8024LCTR Datasheet HTML 31Page - STMicroelectronics ST8024LCTR Datasheet HTML 32Page - STMicroelectronics ST8024LCTR Datasheet HTML 33Page - STMicroelectronics ST8024LCTR Datasheet HTML 34Page - STMicroelectronics ST8024LCTR Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Package mechanical data
ST8024L
32/35
Doc ID 17709 Rev 5
Figure 15.
TSSOP-20 tape and reel schematic
Table 28.
TSSOP-20 tape and reel mechanical data
Symbol
Dimensions
mm.
inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T22.4
0.882
AO
6.8
7
0.268
0.276
BO
6.9
7.1
0.272
0.280
KO
1.7
1.9
0.067
0.075
PO
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Note: Drawing is not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35