データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST8024LTR データシート(PDF) 7 Page - STMicroelectronics

部品番号 ST8024LTR
部品情報  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024LTR データシート(HTML) 7 Page - STMicroelectronics

Back Button ST8024LTR Datasheet HTML 3Page - STMicroelectronics ST8024LTR Datasheet HTML 4Page - STMicroelectronics ST8024LTR Datasheet HTML 5Page - STMicroelectronics ST8024LTR Datasheet HTML 6Page - STMicroelectronics ST8024LTR Datasheet HTML 7Page - STMicroelectronics ST8024LTR Datasheet HTML 8Page - STMicroelectronics ST8024LTR Datasheet HTML 9Page - STMicroelectronics ST8024LTR Datasheet HTML 10Page - STMicroelectronics ST8024LTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
ST8024L
Pin configuration
Doc ID 17709 Rev 5
7/35
3
Pin configuration
Figure 2.
Pin connections
Table 2.
Pin description
Symbol
Name and function
SO-28/
TSSOP-28
TSSOP-20
CLKDIV1
Control of CLK frequency
(internal 11 k
Ω pull-up resistor connected to VDD)
1N. A.
CLKDIV2
Control of CLK frequency
(internal 11 k
Ω pull-down resistor connected to GND)
2N. A.
5V/3V
5 V or 3 V VCC selection for communication with the smartcard. Logic high
selects 5 V operation and logic low selects 3 V operation (for ST8024LACDR,
ST8024LACTR, and ST8024LTR: if the 1.8V pin is logic high, the 5V/3V pin is
a “don't care”). See Table 23 for a description of the VCC selection settings.
31
PGND
Power ground for step-up converter
4
2
C1+
External capacitor step-up converter
5
3
VDDP
Power supply for step-up converter
6
4
C1–
External capacitor step-up converter
7
5
VUP
Output of step-up converter
8
6
PRES
Card presence input (active low) - bonding option
9
N. A.
PRES
Card presence input (active high)
10
7
I/O
Data line to and from card (C7)
(internal 11 k
Ω pull-up resistor connected to VCC)
11
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35