| データシートサーチシステム |
|
A43L8316 データシート(PDF) 32 Page - AMIC Technology |
|
|
|||||||||||||||||||||||||||||
A43L8316 データシート(HTML) 32 Page - AMIC Technology |
|
32 / 45 page ![]() A43L8316 Preliminary (April, 2000, Version 1.0) 31 AMIC Technology, Inc. Read & Write Cycle with Auto Precharge II @Burst Length=4 * Note : When Read(Write) command with auto precharge is issued at A-Bank after A and B Bank activation. - if read(Write) command without auto precharge is issued at B-Bank before A Bank auto precharge starts, A Bank auto precharge will start at B Bank read command input point. - Any command can not be issued at A Bank during tRP after A Bank auto precharge starts. High 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 CLOCK CKE CS RAS CAS ADDR BA Row Active (A-Bank) Row Active (B-Bank) : Don't care Ra Rb A8/AP Ca Read without Auto Precharge (B-Bank) Auto Precharge Strart Point (A-Bank) *Note 1 Ra WE Qb0 Qa1 Qa0 Qb1 Qb2 Write with Auto Precharge (A-Bank) DQM Cb Qb1 Qb0 Qa0 Qa1 Qb2 Qb3 Da0 Da1 DQ (CL=2) Qb3 Da0 Da1 DQ (CL=3) Row Active (A-Bank) Rb Read with Auto Pre Charge (A-Bank) Ra Ca Ra Precharge (B-Bank) |