| データシートサーチシステム |
|
STM8L051F3P6 データシート(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L051F3P6 データシート(HTML) 20 Page - STMicroelectronics |
|
20 / 46 page ![]() Functional overview STM8L051F3 20/46 Doc ID 022985 Rev 1 Bootloader The low density value line STM8L05xxx ultra low power devices feature a built-in bootloader (see UM0560: STM8 bootloader user manual). The bootloader is used to download application software into the device memories, including RAM, program and data memory, using standard serial interfaces. It is a complementary solution to programming via the SWIM debugging interface. |