データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8L051F3 データシート(PDF) 23 Page - STMicroelectronics

部品番号 STM8L051F3
部品情報  Value line, 8-bit ultralow power MCU, 8-KB Flash
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L051F3 データシート(HTML) 23 Page - STMicroelectronics

Back Button STM8L051F3 Datasheet HTML 19Page - STMicroelectronics STM8L051F3 Datasheet HTML 20Page - STMicroelectronics STM8L051F3 Datasheet HTML 21Page - STMicroelectronics STM8L051F3 Datasheet HTML 22Page - STMicroelectronics STM8L051F3 Datasheet HTML 23Page - STMicroelectronics STM8L051F3 Datasheet HTML 24Page - STMicroelectronics STM8L051F3 Datasheet HTML 25Page - STMicroelectronics STM8L051F3 Datasheet HTML 26Page - STMicroelectronics STM8L051F3 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
STM8L051F3
Pin description
Doc ID 022985 Rev 1
23/46
4.1
System configuration options
As shown in Table 4: Low density value line STM8L05xxx pin description, some alternate
functions can be remapped on different I/O ports by programming one of the two remapping
registers described in the “ Routing interface (RI) and system configuration controller”
section in the STM8L15xx and STM8L16xx reference manual (RM0031).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46