データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8L152R8 データシート(PDF) 25 Page - STMicroelectronics

部品番号 STM8L152R8
部品情報  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152R8 データシート(HTML) 25 Page - STMicroelectronics

Back Button STM8L152R8 Datasheet HTML 21Page - STMicroelectronics STM8L152R8 Datasheet HTML 22Page - STMicroelectronics STM8L152R8 Datasheet HTML 23Page - STMicroelectronics STM8L152R8 Datasheet HTML 24Page - STMicroelectronics STM8L152R8 Datasheet HTML 25Page - STMicroelectronics STM8L152R8 Datasheet HTML 26Page - STMicroelectronics STM8L152R8 Datasheet HTML 27Page - STMicroelectronics STM8L152R8 Datasheet HTML 28Page - STMicroelectronics STM8L152R8 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 134 page
background image
DocID17943 Rev 6
25/134
STM8L15xx8, STM8L15xR6
Pin description
61
4
Pin description
Figure 3. STM8L151M8 80-pin package pinout (without LCD)
1. Pin 22 is reserved and must be tied to VDD.
2. The above figure shows the package top view.
Figure 4. STM8L152M8 80-pin package pinout (with LCD)
1. The above figure shows the package top view.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More