データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8L152M8 データシート(PDF) 82 Page - STMicroelectronics

部品番号 STM8L152M8
部品情報  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152M8 データシート(HTML) 82 Page - STMicroelectronics

Back Button STM8L152M8 Datasheet HTML 78Page - STMicroelectronics STM8L152M8 Datasheet HTML 79Page - STMicroelectronics STM8L152M8 Datasheet HTML 80Page - STMicroelectronics STM8L152M8 Datasheet HTML 81Page - STMicroelectronics STM8L152M8 Datasheet HTML 82Page - STMicroelectronics STM8L152M8 Datasheet HTML 83Page - STMicroelectronics STM8L152M8 Datasheet HTML 84Page - STMicroelectronics STM8L152M8 Datasheet HTML 85Page - STMicroelectronics STM8L152M8 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 134 page
background image
Electrical parameters
STM8L15xx8, STM8L15xR6
82/134
DocID17943 Rev 6
Figure 18. Typical IDD(LPW) vs. VDD (LSI clock source), all peripherals OFF
1. Typical current consumption measured with code executed from RAM.
0
0.005
0.01
0.015
0.02
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
25°C
85°C
105°C
125°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More