| データシートサーチシステム |
|
STM8L152R6 データシート(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L152R6 データシート(HTML) 33 Page - STMicroelectronics |
|
33 / 134 page ![]() DocID17943 Rev 6 33/134 STM8L15xx8, STM8L15xR6 Pin description 61 59 47 PD6/TIM1_BKIN /LCD_SEG20(3)/ ADC1_IN8/RTC_CALIB/ [COMP1_INP]/VREFINT I/O FT(5) X XX HS X X Port D6 Timer 1 - break input / LCD segment 20 / ADC1_IN8 / RTC calibration/[Comparator 1 positive input]/Internal reference voltage output -- 35 PD6/TIM1_BKIN /LCD_SEG20(3)/ ADC1_IN8/RTC_CALIB/ SPI2_SCK/[COMP1_INP]/ VREFINT I/O FT(5) X XX HS X X Port D6 Timer 1 - break input / LCD segment 20 / ADC1_IN8 / RTC calibration/SPI2 clock/ [Comparator 1 positive input]/Internal reference voltage output 60 48 - PD7/TIM1_CH1N /LCD_SEG21(3)/ ADC1_IN7/RTC_ALARM/ [COMP1_INP]/VREFINT I/O FT(5) X XX HS X X Port D7 Timer 1 - inverted channel 1/ LCD segment 21 / ADC1_IN7 / RTC alarm/[Comparator 1 positive input]/Internal reference voltage output -- 36 PD7/TIM1_CH1N /LCD_SEG21(3)/ ADC1_IN7/RTC_ALARM /SPI2_NSS/[COMP1_INP]/ VREFINT I/O FT(5) X XX HS X X Port D7 Timer 1 - inverted channel 1/ LCD segment 21 / ADC1_IN7 / RTC alarm /SPI2 master/slave select/[Comparator 1 positive input]/Internal reference voltage output 61 49 - PG4/LCD_SEG32/ SPI2_NSS I/O FT(5) X XX HS X X Port G4 LCD segment 32 / SPI2 master/slave select 62 50 - PG5/LCD_SEG33/ SPI2_SCK I/O FT(5) X XX HS X X Port G5 LCD segment 33 / SPI2 clock 63 51 - PG6/LCD_SEG34/ SPI2_MOSI I/O FT(5) X XX HS X X Port G6 LCD segment 34 / SPI2 master out- slave in 64 52 - PG7/LCD_SEG35/ SPI2_MISO I/O FT(5) X XX HS X X Port G7 LCD segment 35 / SPI2 master in- slave out Table 5. High density and medium+ density STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |