| データシートサーチシステム |
|
EMS22A30-R20-LS6 データシート(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
EMS22A30-R20-LS6 データシート(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 5 page ![]() 9.53 (.375) 22.23 ± .78 (.875 ± .031) 9.53 (.375) 22.23 ± .78 (.875 ± .031) 13.89 ± .38 (.547 ± .015) 15.88 ± .25 (.625 ± .010) 1.57 ± 0.12 (.062 ± .005) 1.57 ± 0.12 (.062 ± .005) 13.89 ± .38 (.547 ± .015) .51 ± .03 (.020 ± .001) 2.01 (.079) 5 PLCS. 6 PLCS. 6 PLCS. 4.00 (.157) 4.00 (.157) 2.79 (.110) .51 ± .03 (.020 ± .001) DIA. 10.29 ± 0.12 (.405 ± .005) DIA. 10.29 (.405) DIA. 21.21 ± .25 (.835 ± .010) AR LUG 1.18 ± 0.12 (.047 ± .005) R 0.66 ± 0.12 (.026 ± .005) HIGH (FMS) X 3.17 +.00/-.01 (.1247 +.0000/-.0003) DIA. 6.34 (0.249) 15.88 ± .25 (.625 ± .010) .51 ± .03 (.020 ± .001) 2.01 (.079) 5 PLCS. 6 PLCS. 6 PLCS. 2.79 (.110) .51 ± .03 (.020 ± .001) 21.21 ± .25 (.835 ± .010) 7.95 ± 0.12 (.313 ± .005) 7.94 ± 0.12 (.313 ± .005) 3.18 ± 0.12 (.125 ± .005) DIA. PANEL LAYOUT 10.67 ± 0.12 (.420 ± .005) DIA. AR LUG 1.18 ± .0.12 (.047 ± .005) R 0.66 ± 0.12 (.026 ± .005) HIGH (FMS) X 7.95 ± 0.12 (.313 ± .005) 7.94 ± 0.12 (.313 ± .005) 3.18 ± 0.12 (.125 ± .005) DIA. PANEL LAYOUT 10.67 ± 0.12 (.420 ± .005) DIA. EMS22A - Non-Contacting Absolute Encoder Product Dimensions Consult factory for options not shown, including: • Wire lead or cable options • Special shaft/bushing sizes and features • Connectors • Special performance characteristics • Non-standard resolutions • PCB mounting bracket Shaft Style D (Bushing T) Shaft Style B (Bushing S) Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. DIMENSIONS: MM (INCHES) |