| データシートサーチシステム |
|
ECW0D-R36-BE0006L データシート(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
ECW0D-R36-BE0006L データシート(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 3 page ![]() Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. ECW - Digital Contacting Encoder How to Order PART NUMBERING SYSTEM EC W 1 J - B 2 4 - B C 0 0 24L Code C Rotational Life 200,000 Revolutions Code W L T Description 9 mm x 1/4 " Length. Threaded M9x0.75 9 mm x 3/8 " Length. Threaded M9x0.75 (Use B shaft only.) 9 mm x 1/4 ". No Thread. BUSHING CONFIGURATION Code 0 1 Description Not Applicable Normally Open SWITCHING CONFIGURATION (In Detent Position) Applies to performance codes B0012 and C0024 only, use code "0" for all other performance codes. Code J D Description 9:00 Position None ANTI-ROTATION LUG POSITION Code B C R Y J Description Plain with Inserted Slot (1/4 " Dia.) Single Flatted (1/4 " Dia.) Plain with Cross Slot (6 mm Dia.) Split Shaft Version (.185 " Dia.) Flatted Shaft (3/16 " Dia.) SHAFT STYLE (See Outline Drawing for Details) Features Terminal Cover Rear-Facing Terminals Solder Holes PCB Bracket Hardware Included Snap-In Mount Forward-Facing Terminals *Bushing code T only. HOUSING TERMINAL CONFIGURATION (X indicates “Equipped With” Code A X X X B X X X C X X D X X E X X X X F X X X G* X X X H X X K X Code 16 20 24 28 32 36 19 22 24 SHAFT LENGTH (FMS) Available Shaft Styles B J B, C, J, Y B, C, J, Y B, C, J, Y B, C, J, Y R R R Description 1/2 " Length 5/8 " (15.9 mm) Length 3/4 " (19 mm) Length 7/8 " (22.2 mm) Length 1 " (25.4 mm) Length 1-1/8 " (28.6 mm) Length Metric 19 mm Length 22 mm Length 24 mm Length The sample part number demonstrates the identification code for Bourns contacting encoders. Boldface features are Bourns standard options. All others are available with higher minimum order quantities. Code E0006 E0009 E0012 E0024 E0036 B0012 C0006 C0024 D0009 PERFORMANCE CODE Cycles/Rev. 6 9 12 24 36 12 6 24 9 Detents 0 0 0 0 0 12 24 36 Code L Description Compliant RoHS IDENTIFIER REV. 02/13 |