| データシートサーチシステム |
|
L7C109KAMB15 データシート(PDF) 5 Page - LOGIC Devices Incorporated |
|
|
|||||||||||||||||||||||||||||
L7C109KAMB15 データシート(HTML) 5 Page - LOGIC Devices Incorporated |
|
5 / 15 page ![]() LOGIC Devices Incorporated www.logicdevices.com 5 Feb 17, 2012 LDS-L7C108/9-G 1M Static RAMs 128K x 8 Static RAM L7C108 L7C109 SWITCHING CHARACTERISTICS Over Operating Range READ CYCLE Notes 5, 11, 12, 22, 23, 24 (ns) L7C108/109 Symbol Parameter 15/15-L 20/20-L 25/25-L 35/35-L 45/45-L tPD tCDR DATA RETENTION MODE VCC tCDR 4.5 V 4.5 V ≥ 2 V CE VIH tPD VIH DATA RETENTION Notes 9, 10 WRITE CYCLE Notes 5, 11, 12, 22, 23, 24 (ns) L7C108/109 Symbol Parameter Write Cycle Time Chip Enable Low to End of Write Cycle Address Valid to Beginning of Write Cycle Address Setup to End of Write Cycle Address Hold After End Of Write Write Enable Pulse Width Low Data Setup to End of Write Cycle Data Hold to End of Write 15/15-L 20/20-L 25/25-L 35/35-L 45/45-L tAVAV tELWH tAVWL tAVWH tWHAX tWLWH tDVWH tWHDX t t Min 0 Min 0 Min 0 Min 0 Min 0 Max 15 Max 20 Max 25 Max 35 Max 45 Min 15 12 0 15 0 12 7 0 5 Min 20 12 0 17 0 15 10 0 5 Min 25 20 0 20 0 20 12 0 5 Min 35 25 0 25 0 30 20 0 5 Min 45 35 0 35 0 40 20 0 5 Max 7 Max 8 Max 10 Max 25 Max 30 |