| データシートサーチシステム |
|
RT61619SN データシート(PDF) 2 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
RT61619SN データシート(HTML) 2 Page - Amphenol Corporation |
|
2 / 2 page ![]() RT360™ Series Insert Configurations RT RTOW RTHP Radsok® #16 Contacts (1.6mm) 13A/250V VDE Versions Mixed Power/Signal Contacts (2.5mm) #20 Contacts (1.0mm) 5A/150V (1) 7.5A/150V (2) Single Pin Power Note:SpecifictoRTOW,(1) refers to Stamped and Formed contacts; (2) refers to Machined contacts. Shell 10 10-4 10-2 2x#16(13A)/2X#20(5A) 350V AC/DC N/A 10-6 N/A Shell 12 12-3 12-8 N/A N/A 12-10 12-1 1x3.6mm (86A) 600V AC/DC Shell 14 14-12 1x3.6mm 14-2 2x2.5(23A)/2x#16(13A) 350V AC/DC 14-4 (23A) 350V AC/DC 14-19 14-1 1x6mm (116A) 600V AC/DC Shell 16 16-19 16-4 4x¢3.6(46A) 400 AC/DC 16-9 4x2.5mm 5x#16 N/A 16-26 16-1 1x8mm (185A) 600V AC/DC Shell 18 18-23 N/A 18-8 (23A) 375V AC/DC 18-32 N/A Shell 20 20-28 N/A N/A 20-41 20-1 1x10mm (342A) 600V AC/DC Note: All dimensions are in mm. Face Views are not actual size and are only meant as a representation. John Blood, Program Manager Toll Free: 1.800.394.7732Ext.8641blood@sineco.com ©2011AmphenolSineSystemsCorporation.Everyefforthasbeenmadetoensurethattheinformationcontainedinthisdocumentisaccurateatthetimeofpublication.Specifications or information stated in this document are subject to change without notice. www.sineco.com |