| データシートサーチシステム |
|
PIC24FJ128GA310 データシート(PDF) 219 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 データシート(HTML) 219 Page - Microchip Technology |
|
219 / 406 page ![]() 2010-2011 Microchip Technology Inc. DS39996F-page 219 PIC24FJ128GA310 FAMILY bit 4-0 SYNCSEL<4:0>: Trigger/Synchronization Source Selection bits 11111 = This OC module(1) 11110 = Input Capture 9(2) 11101 = Input Capture 6(2) 11100 = CTMU(2) 11011 = A/D(2) 11010 = Comparator 3(2) 11001 = Comparator 2(2) 11000 = Comparator 1(2) 10111 = Input Capture 4(2) 10110 = Input Capture 3(2) 10101 = Input Capture 2(2) 10100 = Input Capture 1(2) 10011 = Input Capture 8(2) 10010 = Input Capture 7(2) 1000x = Reserved 01111 = Timer5 01110 = Timer4 01101 = Timer3 01100 = Timer2 01011 = Timer1 01010 = Input Capture 5(2) 01001 = Output Compare 9(1) 01000 = Output Compare 8(1) 00111 = Output Compare 7(1) 00110 = Output Compare 6(1) 00101 = Output Compare 5(1) 00100 = Output Compare 4(1) 00011 = Output Compare 3(1) 00010 = Output Compare 2(1) 00001 = Output Compare 1(1) 00000 = Not synchronized to any other module REGISTER 15-2: OCxCON2: OUTPUT COMPARE x CONTROL REGISTER 2 (CONTINUED) Note 1: Never use an OC module as its own trigger source, either by selecting this mode or another equivalent SYNCSELx setting. 2: Use these inputs as trigger sources only and never as sync sources. 3: The DCB<1:0> bits are double-buffered in the PWM modes only (OCM<2:0> (OCxCON1<2:0>) = 111, 110). |