データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC24FJ128GA310 データシート(PDF) 18 Page - Microchip Technology

部品番号 PIC24FJ128GA310
部品情報  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 データシート(HTML) 18 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 14Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 15Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 16Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 17Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 18Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 19Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 20Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 21Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 406 page
background image
PIC24FJ128GA310 FAMILY
PIC24FJDS39996F-page 18
 2010-2011 Microchip Technology Inc.
CN2
16
20
25
K2
I
ST
Interrupt-on-Change Inputs.
CN3
15
19
24
K1
I
ST
CN4
14
18
23
J2
I
ST
CN5
13
17
22
J1
I
ST
CN6
12
16
21
H2
I
ST
CN7
11
15
20
H1
I
ST
CN8
4
6
10
E3
I
ST
CN9
5
7
11
F4
I
ST
CN10
6
8
12
F2
I
ST
CN11
8
10
14
F3
I
ST
CN12
303644L8
I
ST
CN13
526681
C8
I
ST
CN14
536782
B8
I
ST
CN15
546883
D7
I
ST
CN16
556984
C7
I
ST
CN17
313949
L10
I
ST
CN18
324050
L11
I
ST
CN19
—
65
80
D8
I
ST
CN20
—
37
47
L9
I
ST
CN21
—
38
48
K9
I
ST
CN22
405064
F11
I
ST
CN23
394963
F9
I
ST
CN24
172126L1
I
ST
CN25
182227
J3
I
ST
CN26
212732
K4
I
ST
CN27
222833L4
I
ST
CN28
232934L5
I
ST
CN29
243035
J5
I
ST
CN30
273341
J7
I
ST
CN31
283442L7
I
ST
CN32
293543
K7
I
ST
CN33
—
—
17
G3
I
ST
CN34
—
—
38
J6
I
ST
CN35
—
—
58
H11
I
ST
CN36
—
—
59
G10
I
ST
CN37
—
—
60
G11
I
ST
CN38
—
—
61
G9
I
ST
CN39
—
—
91
C5
I
ST
CN40
—
—
92
B5
I
ST
CN41
—
23
28
L2
I
ST
CN42
—
24
29
K3
I
ST
CN43
—
52
66
E11
I
ST
TABLE 1-4:
PIC24FJ128GA310 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Pin
Function
Pin Number/Grid Locator
I/O
Input
Buffer
Description
64-Pin
TQFP
80-Pin
TQFP
100-Pin
TQFP
121-Pin
BGA
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More