| データシートサーチシステム |
|
PIC24FJ128GA310 データシート(PDF) 229 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 データシート(HTML) 229 Page - Microchip Technology |
|
229 / 406 page ![]() 2010-2011 Microchip Technology Inc. DS39996F-page 229 PIC24FJ128GA310 FAMILY FIGURE 16-3: SPI MASTER/SLAVE CONNECTION (STANDARD MODE) FIGURE 16-4: SPI MASTER/SLAVE CONNECTION (ENHANCED BUFFER MODES) Serial Receive Buffer (SPIxRXB)(2) Shift Register (SPIxSR)(2) LSb MSb SDIx SDOx Processor 2 (SPI Slave) SCKx SSx(1) Serial Transmit Buffer (SPIxTXB)(2) Serial Receive Buffer (SPIxRXB) Shift Register (SPIxSR) MSb LSb SDOx SDIx Processor 1 (SPI Master) Serial Clock SSEN (SPIxCON1<7>) = 1 and MSTEN (SPIxCON1<5>) = 0 Note 1: Using the SSx pin in Slave mode of operation is optional. 2: User must write transmit data to read the received data from SPIxBUF. The SPIxTXB and SPIxRXB registers are memory mapped to SPIxBUF. SCKx Serial Transmit Buffer (SPIxTXB) MSTEN (SPIxCON1<5>) = 1) SPIx Buffer (SPIxBUF)(2) SPIx Buffer (SPIxBUF)(2) Shift Register (SPIxSR) LSb MSb SDIx SDOx Processor 2 (SPI Enhanced Buffer Slave) SCKx SSx(1) Shift Register (SPIxSR) MSb LSb SDOx SDIx Processor 1 (SPI Enhanced Buffer Master) Serial Clock SSEN (SPIxCON1<7>) = 1, Note 1: Using the SSx pin in Slave mode of operation is optional. 2: User must write transmit data to read the received data from SPIxBUF. The SPIxTXB and SPIxRXB registers are memory mapped to SPIxBUF. SSx SCKx 8-Level FIFO Buffer MSTEN (SPIxCON1<5>) = 1 and SPIx Buffer (SPIxBUF)(2) 8-Level FIFO Buffer SPIx Buffer (SPIxBUF)(2) SPIBEN (SPIxCON2<0>) = 1 MSTEN (SPIxCON1<5>) = 0 and SPIBEN (SPIxCON2<0>) = 1 |