データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC24FJ128GA310 データシート(PDF) 301 Page - Microchip Technology

部品番号 PIC24FJ128GA310
部品情報  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 データシート(HTML) 301 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 297Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 298Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 299Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 300Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 301Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 302Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 303Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 304Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 305Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 301
PIC24FJ128GA310 FAMILY
bit 1
SAMP:
A/D Sample Enable bit
1
= A/D Sample-and-Hold amplifiers are sampling
0
= A/D Sample-and-Hold amplifiers are holding
bit 0
DONE:
A/D Conversion Status bit
1
= A/D conversion cycle has completed
0
= A/D conversion has not started or is in progress
REGISTER 24-1:
AD1CON1: A/D CONTROL REGISTER 1 (CONTINUED)
Note 1:
This bit is only available when Extended DMA/Buffer features are available (DMAEN = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More