| データシートサーチシステム |
|
PIC24FJ128GA310 データシート(PDF) 115 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 データシート(HTML) 115 Page - Microchip Technology |
|
115 / 406 page ![]() 2010-2011 Microchip Technology Inc. DS39996F-page 115 PIC24FJ128GA310 FAMILY bit 3 CNIE: Input Change Notification Interrupt Enable bit 1 = Interrupt request is enabled 0 = Interrupt request is not enabled bit 2 CMIE: Comparator Interrupt Enable bit 1 = Interrupt request is enabled 0 = Interrupt request is not enabled bit 1 MI2C1IE: Master I2C1 Event Interrupt Enable bit 1 = Interrupt request is enabled 0 = Interrupt request is not enabled bit 0 SI2C1IE: Slave I2C1 Event Interrupt Enable bit 1 = Interrupt request is enabled 0 = Interrupt request is not enabled REGISTER 8-14: IEC1: INTERRUPT ENABLE CONTROL REGISTER 1 (CONTINUED) Note 1: If an external interrupt is enabled, the interrupt input must also be configured to an available RPx or RPIx pin. See Section 11.4 “Peripheral Pin Select (PPS)” for more information. |